PART |
Description |
Maker |
BC327-25 BC327-40 BC327 BC327-16 BC327_3 BC327/RR |
MAX 3000A CPLD 64 MC 100-TQFP PNP general purpose transistor Amplifier Transistors(PNP) From old datasheet system
|
PHILIPS[Philips Semiconductors] Motorola Inc NXP Semiconductors
|
BCX76-40 BF413 BC140-25 BC537-16 MPS6573 BC328-10 |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 800MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 170V V(BR)CEO | 50MA I(C) | TO-92 Stratix II GX FPGA 130K FPGA-1508 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | TO-92 TRANSISTOR | BJT | NPN | 35V V(BR)CEO | 200MA I(C) | TO-92 IC MAX 7000 CPLD 64 44-TQFP IC FLEX 10KA FPGA Cyclone II FPGA 50K FBGA-484 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-92 2GB DDR2 SDRAM VLP DIMM MAX 7000 CPLD 128 MC 100-TQFP TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 5A I(C) | TO-37 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | TO-92 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 200MA I(C) | TO-92 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 Cyclone FPGA 6K PQFP-240 CYCLONE III FPGA 119K 484FBGA MAX 7000 CPLD 64 MC 100-TQFP MAX 3000A CPLD 32 MC 44-TQFP Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) TRANSISTOR | BJT | NPN | 1A I(C) | TO-105 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C IC MAX 7000 CPLD 128 144-TQFP MAX II CPLD 1270 LE 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:220; Package/Case:484-FBGA; Leaded Process Compatible:No; Number of Circuits:1728; Peak Reflow Compatible (260 C):No RoHS Compliant: No Leaded Cartridge Fuse; Current Rating:12A; Voltage Rating:32V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:32V; Body Material:Glass; Diameter:6.985mm; Leaded Process Compatible:Yes; Length:32.385mm; Series:315P RoHS Compliant: Yes TRANSISTOR | BJT | PNP | 6V V(BR)CEO | TO-18 晶体管|晶体管|进步党| 6V的五(巴西)总裁|8 TRANSISTOR | BJT | NPN | 18V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 18V的五(巴西)总裁| 100mA的一(c)|2 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | TO-92 晶体管|晶体管|进步党| 25V的五(巴西)总裁|2 MAX 7000 CPLD 512 MC 208-PQFP 晶体管|晶体管|叩| 20V的五(巴西)总裁| 500mA的一(c)|2 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-92 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 1A条一(c)|2 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | TO-18
|
EM Microelectronic Bourns, Inc. SEMIKRON Samsung Semiconductor Co., Ltd. California Eastern Laboratories, Inc.
|
ST223C04CFN0 ST223C08CFN0 ST223C04CFL0 ST223C04CDP |
745 A, 400 V, SCR, TO-200AB MAX 3000A CPLD 64 MC 100-TQFP 400V 745A逆变晶闸管采用TO - 200AB(甲,北辰)封装 800V 745A Inverter Thyristor in a TO-200AB (A-Puk) package 400V 745A Inverter Thyristor in a TO-200AB (A-Puk) package
|
OKI SEMICONDUCTOR CO., LTD. International Rectifier
|
BC313 |
Tranzystor krzemowy redniej mocy, maej czstotliwoci IC MAX 7000 CPLD 64 100-TQFP
|
Ultra CEMI
|
ST20-JPIUK ST20-JPI ST20-JPI110 ST20-JPI220 ST20-J |
MAX 7000 CPLD 512 MC 144-TQFP 计算机并行端口JTAG接口 PC PARALLEL PORT TO JTAG INTERFACE 计算机并行端口JTAG接口 CYCLONE III FPGA 119K 780FBGA MAX 7000 CPLD 256 MC 208-RQFP PC PARALLEL PORT TO JTAG INTERFACE
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
EPM3064XXX |
MAX 3000A Programmable Logic Device Family
|
Altera Corporation
|
2PA1774Q115 |
PNP general-purpose transistor - Complement: 2PC4617Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 150 mW; VCEO max: 40 V; Package: SOT416 (SC-75); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
AS5SP1M18DQ AS5SP1M18DQ-30ET AS5SP1M18DQ-30IT AS5S |
1M X 18 CACHE SRAM, 3.5 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 1M X 18 CACHE SRAM, 4 ns, PQFP100 14 X 20 MM, MS-026-D/BHA, TQFP-100 Plastic Encapsulated Microcircuit 18Mb, 1M x 18, Synchronous SRAM Pipeline Burst, Single Cycle Deselect
|
Austin Semiconductor, Inc Micross Components
|
CY7C1298A-100NC GVT7164C18 GVT7164C18Q-5 GVT7164C1 |
Memory : Sync SRAMs 64K x 18 Synchronous Burst RAM Pipelined Output 64K X 18 STANDARD SRAM, 8 ns, PQFP100 PLASTIC, TQFP-100 64K X 18 STANDARD SRAM, 6 ns, PQFP100 PLASTIC, TQFP-100
|
Cypress Semiconductor, Corp.
|
EPM7064TC44-15 EPM7064TC44-7 EPM7128EQC160-10P EPM |
EE PLD, 15 ns, PQFP44 TQFP-44 EE PLD, 7.5 ns, PQFP44 TQFP-44 EE PLD, 10 ns, PQFP160 PLASTIC, QFP-160 EE PLD, 7.5 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160 PLASTIC, QFP-160 EE PLD, 10 ns, PQFP100 PLASTIC, QFP-100 EE PLD, 7.5 ns, PQFP100 PLASTIC, QFP-100 Programmable Logic Device Family High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture Programmable Logic Device Family
|
Altera International Limited Altera Corporation
|
ATF1508AS-10JU84 ATF1508AS-10JC84 ATF1508AS-15JC84 |
Highperformance EE PLD 25NS, 84 PLCC, IND TEMP(EPLD) EE PLD, 25 ns, PQCC84 10NS, 100 TQFP, IND TEMP, GREEN(EPLD) EE PLD, 10 ns, PQFP100 10NS, 100 PQFP, IND TEMP, GREEN(EPLD) EE PLD, 10 ns, PQFP100 10NS, 100 TQFP, IND TEMP(EPLD) EE PLD, 10 ns, PQFP100 EE PLD, 15 ns, PQCC84 7NS, 100 TQFP, COM TEMP, GREEN(EPLD)
|
ATMEL Corporation Atmel, Corp.
|
|